Part Number Hot Search : 
TDA4780 1N4004G 200BZ N391K E000498 MC68040 STD70 AT102
Product Description
Full Text Search
 

To Download 83CNQ100GAPBF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Preliminary Data Sheet PD-20809 09/04
83CNQ...GA 83CNQ...GASM 83CNQ...GASL
SCHOTTKY RECTIFIER New GenIII D-61 Package 80 Amp
IF(AV) = 80Amp VR = 80-100V
Major Ratings and Characteristics Characteristics
IF(AV) Rectangular waveform VRRM range IFSM @ tp = 5 s sine VF TJ @ 40 Apk, TJ = 125C (per leg) range
Description/ Features Units
A V A V The 83CNQ...AG center tap Schottky rectifier module series has been optimized for low reverse leakage at high temperature. The proprietary barrier technology allows for reliable operation up to 175 C junction temperature. Typical applications are in switching power supplies, converters, free-wheeling diodes, and reverse battery protection. 175 C TJ operation Center tap module High purity, high temperature epoxy encapsulation for enhanced mechanical strength and moisture resistance Low forward voltage drop High frequency operation Guard ring for enhanced ruggedness and long term reliability
Values
80 80 - 100 5800 0.67
- 55 to 175
C
New fully transfer-mold low profile, small footprint, high current package
Case Styles
83CNQ...GA 83CNQ...GASM 83CNQ...GASL
D61-8
D61-8-SM
D61-8-SL 1
83CNQ...GA, 83CNQ...GASM, 83CNQ...GASL
Preliminary Data Sheet PD-20809 09/04
Voltage Ratings
Part number
VR Max. DC Reverse Voltage (V) VRWM Max. Working Peak Reverse Voltage (V)
83CNQ080GA
80
83CNQ100GA
100
Absolute Maximum Ratings
Parameters
IF(AV) Max. Average Forward Current * See Fig. 5 IFSM EAS IAR Max. Peak One Cycle Non-Repetitive Surge Current (Per Leg) * See Fig. 7 Non-Repetitive Avalanche Energy (Per Leg) Repetitive Avalanche Current (Per Leg) 5800 600 15 1 A mJ A 5s Sine or 3s Rect. pulse Following any rated load condition and with 10ms Sine or 6ms Rect. pulse rated VRRM applied
83CNQ Units
80 A
Conditions
50% duty cycle @ TC = 132 C, rectangular wave form
TJ = 25 C, I AS = 1 Amps, L = 30 mH Current decaying linearly to zero in 1 sec Frequency limited by TJ max. VA = 1.5 x VR typical
Electrical Specifications
Parameters
VFM Max. Forward Voltage Drop (Per Leg) * See Fig. 1 (1)
83CNQ Units
0.81 1.00 0.67 0.82 0.4 35 1400 5.5 10000 V V V V mA mA pF nH V/ s @ 40A @ 80A @ 40A @ 80A TJ = 25 C
Conditions
TJ = 25 C TJ = 125 C VR = rated VR
IRM CT LS
Max. Reverse Leakage Current (Per Leg) * See Fig. 2 (1) Max. Junction Capacitance (Per Leg) Typical Series Inductance (Per Leg)
TJ = 125 C
VR = 5VDC (test signal range 100Khz to 1Mhz) 25C Measured lead to lead 5mm from package body (Rated VR)
(1) Pulse Width < 300s, Duty Cycle <2%
dv/dt Max. Voltage Rate of Change
Thermal-Mechanical Specifications
Parameters
TJ Tstg Max. Junction Temperature Range Max. Storage Temperature Range
83CNQ Units
-55 to 175 -55 to 175 0.85 0.42 0.30 C C C/W C/W C/W
Conditions
RthJC Max. Thermal Resistance Junction to Case (Per Leg) RthJC Max. Thermal Resistance Junction to Case (Per Package) RthCS Typical Thermal Resistance, Case to Heatsink (D61-8 Only) wt T Approximate Weight Mounting Torque (D61-8 Only) Device Marking Min. Max.
DC operation DC operation
* See Fig. 4
Mounting surface , smooth and greased Device flatness < 5 mils
7.8 (0.28) g (oz.) 12 (10) 24 (20) Kg-cm Recommended hardware 3M stainless screw (Ibf-in) Case style D61-8 Case style D61-8-SM Case style D61-8-SL
83CNQ...GA 83CNQ...GASM 83CNQ...GASL
2
83CNQ...GA, 83CNQ...GASM, 83CNQ...GASL
Preliminary Data Sheet PD-20809 09/04
1000
Reverse Current - I R (mA)
1000 100 10 1 0.1 0.01 0.001 0 20 40 60 80 100
T = 175C J 150C 125C 100C 75C 50C 25C
100
Instantaneous Forward Current - I F (A)
10
T J = 175C
Junction Capacitance - C T (p F)
Reverse Voltage - VR (V) Fig. 2 - Typical Values Of Reverse Current Vs. Reverse Voltage (Per Leg)
10000
T J = 125C T = 25C J
T = 25C J
1
1000
0.1 0 0.2 0.4 0.6 0.8 1 1.2 1.4
Forward Voltage Drop - VFM (V) Fig. 1 - Max. Forward Voltage Drop Characteristics (Per Leg)
100 0 20 40 60 80 100 120
Reverse Voltage - VR (V) Fig. 3 - Typical Junction Capacitance Vs. Reverse Voltage (Per Leg)
1
(C/W)
D = 0.50 D = 0.33 D = 0.25 D = 0.17
PDM
Thermal Impedance Z
thJC
0.1
D = 0.08 t1 t2 Notes: Single Pulse (Thermal Resistance) 1. Duty factor D = t1 / t2 2. Peak Tj = Pdm x ZthJC + Tc
0.01 0.00001
0.0001
0.001 0.01 0.1 1 t 1 , Rectangular Pulse Duration (Seconds)
10
100
Fig. 4 - Max. Thermal Impedance ZthJC Characteristics (Per Leg)
3
83CNQ...GA, 83CNQ...GASM, 83CNQ...GASL
Preliminary Data Sheet PD-20809 09/04
180
Allowable Case Temperature (C)
40
RthJC (DC) = 0.85 C/W
Average Power Loss (Watts)
35 30 25 20
170
D = 0.08 D = 0.17 D = 0.25 D = 0.33 D = 0.50 DC RMS Limit
160
DC
15 10 5 0 0 10 20 30 40 50 60
150
140 0 10 20 30 40 50 60
Average Forward Current - I F(AV) (A) Fig. 5 - Max. Allowable Case Temperature Vs. Average Forward Current (Per Leg)
Non-Repetitive Surge Current - I FSM (A)
Average Forward Current - IF(AV) (A) Fig. 6 - Forward Power Loss Characteristics (Per Leg)
10000
1000
At Any Rated Load Condition And With Rated Vrrm Applied Following Surge
100 10
100
1000
10000
Square Wave Pulse Duration - tp (microsec) Fig. 7 - Max. Non-Repetitive Surge Current (Per Leg)
L HIGH-SPEED SWITCH FREE-WHEEL DIODE 40HFL40S02 Vd = 25 Volt
DUT
IRFP460 Rg = 25 ohm
+
CURRENT MONITOR
Fig. 8 - Unclamped Inductive Test Circuit
4
83CNQ...GA, 83CNQ...GASM, 83CNQ...GASL
Preliminary Data Sheet PD-20809 09/04
Outline Table
Outline D61-8
Dimensions are in millimeters and (inches)
Outline D61-8-SM
Dimensions are in millimeters and (inches)
5
83CNQ...GA, 83CNQ...GASM, 83CNQ...GASL
Preliminary Data Sheet PD-20809 09/04
Outline Table
Outline D61-8-SL
Dimensions are in millimeters and (inches)
6
83CNQ...GA, 83CNQ...GASM, 83CNQ...GASL
Preliminary Data Sheet PD-20809 09/04
Part Marking Information
INTERNATIONAL RECTIFIER LOGO PART NUMBER G = Schottky Generation
THIS IS A 83CNQ100GA WITH LOT CODE 89 09 ASSEMBLED ON WW 45, 2000 IN THE ASSEMBLY LINE "A" ASSEMBLY LOT CODE
83CNQ100GA 89 09 045A DATE CODE YEAR 0 = 2000 WEEK 45 LINE A
D61-8
INTERNATIONAL RECTIFIER LOGO THIS IS A 83CNQ100GASM WITH LOT CODE 89 09 ASSEMBLED ON WW 45, 2000 IN THE ASSEMBLY LINE "A" ASSEMBLY LOT CODE PART NUMBER G = Schottky Generation
83CNQ100GASM 89 09 045A DATE CODE YEAR 0 = 2000 WEEK 45 LINE A
D61-8-SM
INTERNATIONAL RECTIFIER LOGO THIS IS A 83CNQ100GASL WITH LOT CODE 89 09 ASSEMBLED ON WW 45, 2000 IN THE ASSEMBLY LINE "A" ASSEMBLY LOT CODE
83CNQ100GASL
PART NUMBER G = Schottky Generation
89 09
045A DATE CODE YEAR 0 = 2000 WEEK 45 LINE A
D61-8-SL
7
83CNQ...GA, 83CNQ...GASM, 83CNQ...GASL
Preliminary Data Sheet PD-20809 09/04
83CNQ100A ******************************************** * This model has been developed by * * Wizard SPICE MODEL GENERATOR (1999) * * (International Rectifier Corporation) * * contains Proprietary Information * ******************************************** * SPICE Model Diode is composed by a * * simple diode plus paralled VCG2T * ******************************************** .SUBCKT 83CNQ100A ANO CAT D1 ANO 1 DMOD (0.20831) *Define diode model .MODEL DMOD D(IS=3.91765102575707E-04A,N=1.6412007115037,BV=110V, + IBV=1.66611874283115A,RS= 0.001083212,CJO=1.31909764291715E-08, + VJ=1.04145964983498,XTI=2, EG=0.757359996913038) ******************************************** *Implementation of VCG2T VX 1 2 DC 0V R1 2 CAT TRES 1E-6 .MODEL TRES RES(R=1,TC1=-5.06642501757023) GP1 ANO CAT VALUE={-ABS(I(VX))*(EXP((((2.558893E-02/-5.066425)*((V(2,CAT)*1E6)/(I(VX)+1E-6)1))+1)*3.120336E-03*ABS(V(ANO,CAT)))-1)} ******************************************** .ENDS 83CNQ100A Thermal Model Subcircuit .SUBCKT 83CNQ100A 5 1 CTHERM1 CTHERM2 CTHERM3 CTHERM4 RTHERM1 RTHERM2 RTHERM1 RTHERM1 5 4 3 2 5 4 3 2 4 3 2 1 4 3 2 1 8.75E-04 1.99E+00 2.04E+01 2.41E+02 1.00E-07 4.51E-01 3.08E-01 7.27E-02
.ENDS 83CNQ100A
8
83CNQ...GA, 83CNQ...GASM, 83CNQ...GASL
Preliminary Data Sheet PD-20809 09/04
Ordering Information Table
Device Code
83
1
C
2
N
3
Q
4
100
5
G
6
A
7
8
1 2 3 4 5 6 7
-
Current Rating (80A) C = Common Cathode N = Module (Not Isolated) Q = Schottky Q Series Voltage Ratings G = Schottky Generation A = D-61-8 (10 pieces) ASL = D61-8-SL (20 pieces) ASM = D61-8-SM (20 pieces) 080 = 80V 100 = 100V
8
-
none = Standard Production PbF = Lead-Free
Data and specifications subject to change without notice. This product has been designed and qualified for Industrial Level. Qualification Standards can be found on IR's Web site.
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105 TAC Fax: (310) 252-7309 Visit us at www.irf.com for sales contact information. 09/04
9


▲Up To Search▲   

 
Price & Availability of 83CNQ100GAPBF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X